Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO3366-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LO3366-R
Description  Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LO3366-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LO3366-R Datasheet HTML 1Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 2Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 3Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 4Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 5Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 6Page - Siemens Semiconductor Group LO3366-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-09-18
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3366-NR
LS 3366-P
LS 3366-Q
LS 3366-R
LS 3366-PS
super-red
red diffused
25
...
200
40
...
80
63
...
125
100
...
200
40
...
320
Q62703-Q3457
Q62703-Q3458
Q62703-Q3459
Q62703-Q3460
Q62703-Q3461
LA 3366-PS
LA 3366-Q
LA 3366-R
LA 3366-S
LA 3366-QT
amber
orange diffused
40
...
320
63
...
125
100
...
200
160
...
320
63
...
500
Q62703-Q3881
Q62703-Q3882
Q62703-Q3883
Q62703-Q3884
Q62703-Q3885
LO 3366-PS
LO 3366-Q
LO 3366-R
LO 3366-S
LO 3366-QT
orange
orange diffused
40
...
320
63
...
125
100
...
200
160
...
320
63
...
500
Q62703-Q3127
Q62703-Q3172
Q62703-Q3173
Q62703-Q3174
Q62703-Q3175
LY 3366-PS
LY 3366-Q
LY 3366-R
LY 3366-S
LY 3366-QT
yellow
yellow diffused
40
...
320
63
...
125
100
...
200
160
...
320
63
...
500
Q62703-Q3462
Q62703-Q3464
Q62703-Q3465
Q62703-Q3463
Q62703-Q3466
LS 3366, LA 3366, LO 3366, LY 3366



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com