Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60N03L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT60N03L-TN3-R
Description  30V, 60A N-CHANNEL LOGIC LEVEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60N03L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT60N03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT60N03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT60N03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT60N03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT60N03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT60N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-237.D
30V, 60A N-CHANNEL LOGIC
LEVEL MOSFET
DESCRIPTION
This device employs advanced MOSFET technology and features
low gate charge while maintaining low on-resistance.
Optimized for switching applications, this device improves the
overall efficiency of DC/DC converters and allows operation to higher
switching frequencies.
FEATURES
* RDS(ON) = 14mΩ @VGS = 10V
* RDS(ON) = 24mΩ @VGS = 4.5V
* Low Capacitance
* Low Gate Charge
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT60N03L-TA3-T
UT60N03G-TA3-T
TO-220
G
D
S
Tube
UT60N03L-TM3-T
UT60N03G-TM3-T
TO-251
G
D
S
Tube
UT60N03L-TN3-R
UT60N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT60N03L-TN3-T
UT60N03G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UT60N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT60N03L-TN3-R UTC-UT60N03L-TN3-R Datasheet
247Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT60N03L-TN3-R VBSEMI-UT60N03L-TN3-R Datasheet
902Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
BYCHIP ELECTRONICS CO.,...
UT60N03L-TN3-R BYCHIP-UT60N03L-TN3-R Datasheet
930Kb / 4P
N-channel Advanced Mode Power MOSFET
v1.0
More results

Similar Description - UT60N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
30V N-Channel Logic Level PowerTrench MOSFET
FDZ5047N FAIRCHILD-FDZ5047N Datasheet
211Kb / 6P
30V N-Channel Logic Level PowerTrench BGA MOSFET
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
30V N-Channel Logic Level PowerTrench BGA MOSFET
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
30V N-Channel, Logic Level, PowerTrench MOSFET
logo
Cystech Electonics Corp...
MTB55N03N3 CYSTEKEC-MTB55N03N3 Datasheet
342Kb / 7P
30V N-Channel Logic Level Enhancement Mode MOSFET
MTN2306N3 CYSTEKEC-MTN2306N3 Datasheet
315Kb / 8P
30V N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MSB55N03N3 BWTECH-MSB55N03N3 Datasheet
531Kb / 5P
30V N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN3412DT2AG LRC-LN3412DT2AG Datasheet
324Kb / 6P
30V N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com