Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT70P02-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT70P02-TN3-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT70P02-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT70P02-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT70P02-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT70P02-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT70P02-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT70P02-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT70P02
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-209.A
P-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UT70P02 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON) = 6mΩ @VGS = -10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: UT70P02L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UT70P02-TN3-R
UT70P02L-TN3-R
TO-252
G
D
S
Tape Reel
UT70P02-TN3-T
UT70P02L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UT70P02-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TA3-T UTC-UT70P03G-TA3-T Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TF3-T UTC-UT70P03G-TF3-T Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TM3-T UTC-UT70P03G-TM3-T Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TN3-R UTC-UT70P03G-TN3-R Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
More results

Similar Description - UT70P02-TN3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com