Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1200ISO8 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC1200ISO8
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1200ISO8 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC1200ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1200ISO8 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
©2008, 2010-2011 CADEKA Microcircuits LLC
www.cadeka.com
11
Application Information
Basic Operation
The CLC1200 is a monolithic instrumentation amplifier
based on the classic three op amp solution, refer to
the Functional Block Diagram on page 1. The CLC1200
produces a single-ended output reffered to the REF pin
potential.
The internal resistors are trimmed which allows the gain to
be accurately adjusted with one external resistor RG.
49.4k
G - 1
RG =
49.4k
G =
RG
+ 1;
RG also determines the transconductance of the
preamp stage. As RG is reduced for larger gains, the
transconductance increases to that of the input transistors.
Producing the following advantages:
▪ Open-loop gain increases as the gain is increased,
reducing gain releated errors
▪ Gain-bandwidth increases as the gain is increased,
optimizing frequency response
▪ Reduced input voltage noise which is determined by the
collector current and base resistance of the input devices
Gain Selection
The impeadance between pins 1 and 8, RG, sets the gain
of the CLC1200. Table 1 shows the required standard
table values of RG for various calculated gains. For G =
1, RG = ∞.
1% RG (Ω)
Caclulated
Gain
0.1% RG (Ω)
Calculated
Gain
49.9k
1.990
49.3k
2.002
12.4k
4.984
12.4k
4.984
5.49k
9.998
5.49k
9.998
2.61k
19.93
2.61k
19.93
1.00k
50.40
1.01k
49.91
499
100.0
499
100.0
249
199.4
249
199.4
100
495.0
98.8
501.0
49.9
991.0
49.3
1,003.0
Table 1: Recommended RG Values
Follow these guidelines for improved performance:
▪ To maintain gain accuracy, use 0.1% to 1% resistors
▪ To minimize gain error, avoid high parasitic resistance in
series with RG
▪ Tominimizegaindrift,uselowTCresistors(<10ppm/°C)
Common Mode Rejection
The CLC1200 offers high CMRR. To acheive optimal CMRR
performance:
▪ Connect the reference terminal (pin 5) to a low
impedance source
▪ Minimize capacitive and resistive differences between
the inputs
In many applications, shielded cables are used to
minimize noise. Properly drive the shield for best CMRR
performance over frequency. Figures 1 and 2 show active
data guards that are configured to improve AC common-
mode rejections. the capacitances of input cable shields
are “bootstrapped” to minimize the capacitance mismatch
between the inputs.
CLC1200
+
_
CLCxxx
+
_
+VS
Output
RG / 2
-VS
REF
RG / 2
+ Input
- Input
100
Figure 1: Common-mode Shield Driver
CLC1200
+
_
+
-
+VS
Output
-VS
REF
+ Input
- Input
100
+
-
RG
100
-VS
Figure 2: Differential Shield Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com