Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT108N03 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT108N03
Description  30V, 108A N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT108N03 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT108N03 Datasheet HTML 1Page - Unisonic Technologies UT108N03 Datasheet HTML 2Page - Unisonic Technologies UT108N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT108N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-197.H
ABSOLUTE MAXIMUM RATINGS (TC =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
ID
108
A
Pulsed Drain Current (Note 2)
IDM
432
A
Avalanche Energy (Note 3)
EAS
580
mJ
Power Dissipation
TO-220
PD
107
W
TO-251/TO-252
60
Junction Temperature
TJ
+150
°C
Strong Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. tP≤10μs, pulsed, TA=25°C
3. VGS=10V, TJ=25°C, ID=35A, VS≤25V, tP=0.25ms, RGS=50Ω
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C /W
TO-251/TO-252
100
°C /W
Junction to Case
TO-220
θJC
1.4
°C /W
TO-251/TO-252
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
0.05
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
0.02
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=1mA
1
3
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=25A
4.2
5.3
mΩ
VGS=5V, ID=25A
6.6
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
3200
pF
Output Capacitance
COSS
580
pF
Reverse Transfer Capacitance
CRSS
400
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD =15V, VGS =5V, ID =40A
56
nC
Gate Source Charge
QGS
16
nC
Gate Drain Charge
QGD
14
nC
Turn-ON Delay Time
tD(ON)
VDD=15V, RG=10Ω, VGS=5V,
RD=0.6Ω
24
ns
Turn-ON Rise Time
tR
102
ns
Turn-OFF Delay Time
tD(OFF)
53
ns
Turn-OFF Fall-Time
tF
54
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=108A, VGS=0 V
1.25
V
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
(Note)
432
A
Body Diode Reverse Recovery Time
trr
IS=20A, dIS/dt=-100A/μs,
VGS=0V
34
ns
Body Diode Reverse Recovery Charge
QRR
27
nC
Note: tP≤10μs, pulsed



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com