Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1201ISO8X Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC1201ISO8X
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1201ISO8X Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC1201ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1201ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
©2011 CADEKA Microcircuits LLC
www.cadeka.com
12
Pressure Measurement Applications
The CLC1201 is especially suitable for higher resistance
pressure sensors powered at lower voltages where small
size and low power become more significant.
Figure 3 shows a 3kΩ pressure transducer bridge
powered from 5V. In such a circuit, the bridge consumes
only 1.7mA. Adding the CLC1201 and a buffered voltage
divider allows the signal to be conditioned for only 3.8mA
of total supply current.
Small size and low cost make the CLC1201 especially
attractive for voltage output pressure transducers.
Since it delivers low noise and drift, it will also serve
applications such as diagnostic noninvasive blood pressure
measurement.
Medical ECG
The CLC1201 is perfect for ECG monitors because of
its low current noise. A typical applicaiton is shown in
Figure 4. The CLC1201’s low power, low supply voltage
requirements, and space-saving 8-lead SOIC package
offerings make it an excellent choice for battery-powered
data recorders.
Furthermore, the low bias currents and low current noise,
coupled with the low voltage noise of the CLC1201,
improve the dynamic range for better performance.
The value of capacitor C1 is chosen to maintain stability
of the right leg drive loop. Proper safeguards, such as
isolation, must be added to this circuit to protect the
patient from possible harm.
CLC1200
+
_
Ref
499
G = 100
3k
5V
3k
3k
3k
1.7mA
IN
AGND
Digital
Data
Output
CLCxxx
+
_
1.3mA
5V
5V
20k
10k
20k
0.1mA
REF
5V
CLC1200
G = 7
+
_
8.25k
R1
10k
G = 143
0.03Hz
High-Pass
Filter
CLCxxx
+
_
3V
Output
1V/mV
R3
24.9k
R2
24.9k
C1
R4
1M
-3V
Patient
Figure 3: Pressure Monitoring Circuits Operating on a Single 5V Supply
Figure 4: Typical Circuit for ECG Monitor Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com