Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LY5420-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LY5420-R
Description  5 mm (T1 3/4) LED, Non Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LY5420-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LY5420-R Datasheet HTML 1Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 2Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 3Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 4Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 5Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 6Page - Siemens Semiconductor Group LY5420-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Non Diffused
LS 5420, LY 5420, LG 5410
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 5420-MQ
LS 5420-P
LS 5420-Q
LS 5420-R
LS 5420-PT
super-red
red clear
16 … 125
40 … 80
63 … 125
100 … 200
40 … 500
Q62703-Q1428
Q62703-Q1430
Q62703-Q1993
Q62703-Q1429
Q62703-Q1431
LY 5420-MQ
LY 5420-P
LY 5420-Q
LY 5420-R
LY 5420-PS
yellow
yellow clear
16 … 125
40 … 80
63 … 125
100 … 200
40 … 320
Q62703-Q1432
Q62703-Q1434
Q62703-Q2004
Q62703-Q3235
Q62703-Q1435
LG 5410-MQ
LG 5410-P
LG 5410-Q
LG 5410-R
LG 5410-PS
green
colorless clear
16 … 125
40 … 80
63 … 125
100 … 200
40 … 320
Q62703-Q1439
Q62703-Q1868
Q62703-Q2020
Q62703-Q2021
Q62703-Q2022
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
zur Einkopplung in Lichtleiter
q
als optischer Indikator einsetzbar
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, clear package
q
optical coupling into light pipes
q
for use as optical indicator
q
solder leads without stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LY5420-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LY5420 SIEMENS-LY5420 Datasheet
93Kb / 1P
T1(5mm) LED LAMP
More results

Similar Description - LY5420-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com