Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3800ISO8X Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC3800ISO8X
Description  Triple, Standard Definition Video Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3800ISO8X Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC3800ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
13
Figure 3. Typical Output Configuration
Power Supply Decoupling
For optimum performance, power supply decoupling
is required. Figure 4 shows the recommended usage
of power supply decoupling capacitors.
The 0.1µF
decoupling capacitor must be placed as close to pin 4 as
possible, < 0.1” or < 2.5mm, to be effective. The larger,
1µF capacitor can be placed further away.
Figure 4. Recommended Power Supply Decoupling
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOIC-8
Figure 5. Maximum Power Derating
Power Dissipation Considerations with DC-Coupled Loads
When driving DC loads, the supply current is much higher
than in AC applications and care must be taken to dissipate
the extra heat generated. The output signal will swing
from about 0.3V to 2.3V for full swing video. In the worst
case condition, an all white screen with dual DC loads,
the additional thermal rise over the quiescent condition is
about 20°C. An easy way to help distribute this extra heat
is to place a ground plane under the part and add ground
plane on the bottom of the board immediately under the
part with vias between the two planes.
The CLC3800 is designed primarily for low voltage
operation with supply values between 3.0V and 5.5V, but
larger supplies can be used. In this situation, DC loads
may not be possible due to thermal considerations. With
single DC loads on all three channels and a 12V supply,
the thermal rise is an additional 45° this gives a total
temperature rise of about 57°.
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. CaDeKa has evaluation
boards to use as a guide for high frequency layout and as
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 1µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor <0.75 inches of the power pin
• Place the 0.1µF capacitor <0.1 inches of the power pin
• Remove the ground plane near the input and output
pins to reduce parasitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts for more information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board
Products
CEB021
CLC3800, CLC3801 in SOIC pack-
ages
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video Cables
AC-Coupling Caps
are Optional
8
7
6
5
1
2
3
4
75Ω
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com