Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3801ISO8X Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

Part # CLC3801ISO8X
Description  Triple, Standard Definition Video Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3801ISO8X Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button CLC3801ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC3801ISO8X Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
16
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video
DAC/
Encoder
Y
CVBS
C
DAC Load Resistors
per Video DAC/Encoder specs
AC-Coupling Caps
are Optional
DVD Player or STB
CVBS1
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
Video Cables
75Ω
Video Cables
75Ω
75Ω
220µF
75Ω
75Ω
CVBS2
S-Video
Figure 11. Typical Configuration for Composite (CVBS) and S-Video
75Ω
220µF
220µF
220µF
CLC3800
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
IN1
OUT1
OUT3
IN2
IN3
OUT2
GND
OUT2
+3V or +5V
+Vs
GND
75Ω
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video Cables
220µF
75Ω
75Ω
Video Cables
220µF
75Ω
75Ω
Video
DAC/
Encoder
R or Y
B or PR
YOUT
CV OUT
G or PB
C OUT
DAC Load Resistors
per Video DAC/Encoder specs
AC-Coupling Caps
are Optional
DVD Player or STB
R
G
B
Y
C
CV
0.1µF
1.0µF
+3V or +5V
0.1µF
1.0µF
8
7
6
5
8
7
6
1
2
3
4
1
2
3
5
4
75Ω
75Ω
Figure 11. Typical Configuration for 6-channel application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com