Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPC4012F Datasheet(PDF) 1 Page - Central Technologies

Part # CTPC4012F
Description  From 1.0 關H to 47 關H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPC4012F Datasheet(HTML) 1 Page - Central Technologies

  CTPC4012F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.20.10
Power Inductors - Shielded
www.ctparts.com
CTPC4012F
Series
From 1.0 µH to 47 µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance:
M = ±20%, N = ±30%
L Test
DCR
Part
Inductance
Freq.
(mΩ)
IDC1
IDC2
Number
Marking
(µH)
(KHz)
±20%
(A)
(A)
CTPC4012F-1R0N
A
1.0
100
42
2.30
1.90
CTPC4012F-1R5N
C
1.5
100
57
1.90
1.70
CTPC4012F-2R2N
E
2.2
100
86
1.50
1.55
CTPC4012F-3R3N
G
3.3
100
100
1.30
1.40
CTPC4012F-4R7M
I
4.7
100
130
1.10
1.25
CTPC4012F-6R8M
K
6.8
100
180
0.95
1.05
CTPC4012F-100M
M
10
100
280
0.75
0.80
CTPC4012F-150M
O
15
100
390
0.65
0.70
CTPC4012F-220M
Q
22
100
530
0.55
0.60
CTPC4012F-330M
S
33
100
850
0.45
0.40
CTPC4012F-470M
U
47
100
1140
0.38
0.35
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Power Inductor
Applications: Mainly used as a power source inductor for mobile
phones, HDDs, LCD panels and DSCs.
Operating Temperature: -40°C to +105°C (includes self temp.
rise)
IDC1: Based on inductance change (DL/L0: < 30%) at ambient
temp. 25°C
IDC2: Based on temperature rise (DT: 40°C Typ.)
Rated Current: IDC1 or IDC2, whichever value is lower.
Resistance to Solder Heat: 260°C 10 secs.
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100KHz, 0.1V
Packaging: Tape & Reel
Marking: Parts are marked with letter identifier.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
E
D
E
G
Powder Coating
Marking
G
2.0
4.4
1.0
4.2
OR
A
B
C
D
E
F
G
Max.
Typ.
Typ.
Typ.
Typ.
4.0±0.2
3.9±0.2
1.2
2.1
0.96
1.6
1.1
0.16±0.008
0.15±0.008
0.047
0.082
0.038
0.063
0.043
Size
mm
inches
Unit: mm


Similar Part No. - CTPC4012F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTPC4018F CT-CTPC4018F Datasheet
324Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTPC4012F

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
33683 SCHOTT-33683 Datasheet
13Kb / 1P
INDUCTOR, 96 關H
34037 SCHOTT-34037 Datasheet
12Kb / 1P
INDUCTOR, 47 關H, 3 ADC, BUCK
logo
Central Technologies
CT0707F CT-CT0707F Datasheet
204Kb / 1P
From 0.56 關H to 4.7 關H
CTCDTF CT-CTCDTF Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
CTE526HNF CT-CTE526HNF Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTIHLP2709F CT-CTIHLP2709F Datasheet
389Kb / 1P
From .47 關H to 10 關H
CTIHLP2714F CT-CTIHLP2714F Datasheet
393Kb / 1P
From .22 關H to 22 關H
CTRL5480F-1 CT-CTRL5480F-1 Datasheet
330Kb / 1P
From 3.9 關H to 22,000 關H
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
Inductance range: 10 to 6500 關H
logo
EPCOS
B82470A1223M EPCOS-B82470A1223M Datasheet
1Mb / 4P
Size 4,8 x 4,8 x 1,2 mm Rated inductance 1 關H .. 47 關H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com