Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT136GP-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT136GP-X-TN3-R
Description  TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136GP-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT136GP-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT136GP-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT136GP-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT136F/G
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-021.Ca
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
UT136F/G-5
500 (Note 2)
UT136F/G-6
600 (Note 2)
Repetitive Peak Off-State Voltages
UT136F/G-8
VDRM
800
V
RMS On-State Current Full Sine Wave, Tmb≤107°C
IT(RMS)
4
A
t = 20ms
25
Non-Repetitive Peak On-State Current
(Full Sine Wave, TJ=25°C Prior To Surge) t = 16.7 ms
ITSM
27
A
I
2t For Fusing (t =10ms)
I
2t
3.1
A
2s
T2+ G+
50
T2+ G-
50
T2- G-
50
Repetitive Rate Of Rise Of On-State
Current After Triggering ITM =6A, IG =0.2A,
dIG/dt=0.2A/μs
T2- G+
dIT/dt
10
A/μs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (Over Any 20ms Period)
PG(AV)
0.5
W
Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Although not recommended, off-state voltages up to 800V may be applied without damage, but the traic
may switch to the on-state. The rate of rise of current should not exceed 3A/
μs.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
60
Junction to Ambient
TO-252
θJA
75
K/W
STATIC CHARACTERISTICS (TJ =25°C, unless otherwise specified)
MAX
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UT136F UT136G
UNIT
T2+G+
5
25
50
T2+G-
8
25
50
T2-G-
11
25
50
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2-G+
30
70
100
mA
T2+G+
7
20
30
T2+G-
16
30
45
T2-G-
5
20
30
Latching Current
IL
VD=12V, IGT=0.1A
T2-G+
7
30
45
mA
Holding Current
IH
VD=12V, IGT=0.1A
5
15
30
mA
On-State Voltage
VT
IT=5A
1.4
1.70
V
VD=12V, IT=0.1A
0.7
1.5
V
Gate Trigger Voltage
VGT
VD=400V, IT=0.1A, TJ=125°C 0.25
0.4
V
Off-State Leakage Current
ID
VD=VDRM(max), TJ=125°C
0.1
0.5
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com