Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP2714F-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP2714F-R82M
Description  From .22 關H to 22 關H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP2714F-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP2714F-R82M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.22.10
Power Inductors - Shielded
www.ctparts.com
CTIHLP2714F
Series
From .22 µH to 22 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
M = ±20%, N = ±30%
*Irms DC current (A) that will cause an approximate DT of 40°C.
**Isat DC current (A) that will cause L0 to drop approximately 20%.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(µH)
(KHz)
(mΩ)
(A)
(A)
CTIHLP2714F-R22N
0.22
200
3.1
22.0
36
CTIHLP2714F-R33M
0.33
200
3.9
20.0
30
CTIHLP2714F-R47M
0.47
200
4.2
17.5
26
CTIHLP2714F-R56M
0.56
200
5.3
15.5
24
CTIHLP2714F-R68M
0.68
200
5.5
15.5
23
CTIHLP2714F-R82M
0.82
200
8.0
13.0
20
CTIHLP2714F-1R0M
1.0
200
10
11.0
18
CTIHLP2714F-1R5M
1.5
200
15
9.0
16
CTIHLP2714F-2R2M
2.2
200
20
8.0
12.5
CTIHLP2714F-2R5M
2.5
200
22
8.0
11.5
CTIHLP2714F-3R3M
3.3
200
30
6.0
10.5
CTIHLP2714F-4R7M
4.7
200
40
5.5
8.5
CTIHLP2714F-5R6M
5.6
200
54
5.0
8.0
CTIHLP2714F-6R8M
6.8
200
60
4.5
7.5
CTIHLP2714F-8R2M
8.2
200
68
4.0
6.5
CTIHLP2714F-100M
10.0
200
105
3.0
6.0
CTIHLP2714F-220M
22.0
200
230
2.0
3.5
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: Notebook, Desktop, Server applications, Low
profile, high current power supplies, battery powered devices,
DC/DC converter for Field Programmable Gate Array (FPGA).
Operating Temperature: -55°C to +125°C (The part temperature
(ambient + temp. rise) should not exceed 125°C under worst case
operating conditions. Circuit design, component placement, PWB
trace size and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be verified in
the end application)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4285A at 200KHz, 0.25V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
Marking: Inductance Code
A
E
F
D
B
C
7.4
3.7
3.45
A
B
C
D
E
F
Max.
Max.
Max.
Ref.
Ref.
7.3
6.8
3.5
3.2±0.2
4.2
1.3
0.290
0.270
0.14
0.126±0.008
0.165
0.051
Size
mm
inches
Unit: mm


Similar Part No. - CTIHLP2714F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP2712F CT-CTIHLP2712F Datasheet
399Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP2714F-R82M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXL001 MAXIM-MAXL001 Datasheet
70Kb / 3P
100關H Toroid Inductor
logo
SCHOTT CORPORATION
33683 SCHOTT-33683 Datasheet
13Kb / 1P
INDUCTOR, 96 關H
logo
Central Technologies
CT0707F CT-CT0707F Datasheet
204Kb / 1P
From 0.56 關H to 4.7 關H
CTCDTF CT-CTCDTF Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
CTE526HNF CT-CTE526HNF Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTIHLP2709F CT-CTIHLP2709F Datasheet
389Kb / 1P
From .47 關H to 10 關H
CTPC4012F CT-CTPC4012F Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTRL5480F-1 CT-CTRL5480F-1 Datasheet
330Kb / 1P
From 3.9 關H to 22,000 關H
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
Inductance range: 10 to 470 關H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com