Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT232AL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT232AL-S16-R
Description  HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232AL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT232AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UT232AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UT232AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UT232AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UT232AL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UT232A
Preliminary
CMOS
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-272.d
APPLICATION INFORMATION
To operate from a single +5V supply, the UTC UT232A include charge pump voltage converters which can allow
it. To generate the RS-232 output levels these converters convert the +5V input power to the ±10V needed. The
current drain due to charge pump operation is considerably reduced, typically to 400µA with this power supplied
externally. The UTC UT232A can operate over the commercial, industrial and military temperature ranges.
Protection from Shorts to
±15V
Against shorts to ground, any other driver output, and V
+ or V- the driver outputs are protected. If the outputs is
connected to voltages higher than ±15V inadvertently, then the external protection is recommended to be provided.
While voltages exceeding ±15V ,for protection, two back-to-back zener diodes which is connected from each output
to ground will clamp the outputs to an acceptable voltage level.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com