Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT136FGP-5-TF3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT136FGP-5-TF3-R
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136FGP-5-TF3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT136FGP-5-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT136FGP-5-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT136FGP-5-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT136FGP-5-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT136FGP-5-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT136FGP-5-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT136FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R401-018,D
TYPICAL CHARACTERISTICS(Cont.)
t
tP
PD
bidirectional
unidirectional
With Heatsink Compound
Without Heatsink Compound
10
1
0.1
0.01
10us 0.1ms 1ms 10ms 0.1s
1s
10s
Pulse Width, tP (s)
Transient Thermal Impedance vs Pulse Width
UT136FF
UT136FG
Off-State dV/dt Limit
1000
100
10
1
050
100
150
Typical Commutation dV/dt vs Junction
Temperature,parameter Commutation dIT/dt. The Triac
Should Commutate When the dV/dt is belowthe value on
the appropriate curve for pre-commutation dIT/dt
Junction Temperature, TJ (°C)
dICOM/dt=
5.1A/ms
3.9 3
1.4
1.8
2.3
3
2.5
1.5
2
1
0.5
0
-50
0
50
100
150
Junction Temperature, TJ (°C)
Normalised Holding Current
IH(TJ)/IH(25°C),vs Junction Temperature TJ
max
TJ=125°C
TJ=25°C
VO=1.27V
RS=0.091Ohms
typ
VT/V
1.5
2.5
2
3
0.5
1
0
0
2
4
6
8
10
12
Typical and Maximum On-State Characteristic
T2+G+
T2+G-
T2-G-
T2-G+
3
2.5
1.5
2
1
0.5
0
-50
0
50
100
150
Normalised Gate Trigger Current
IGT(TJ)/IGT(25°C),vs Junction Temperature TJ
3
2.5
1.5
2
1
0.5
0
-50
0
50
100
150
Normalised Latching Current
IL(TJ)/IL(25°C),vs Junction Temperature TJ
Junction Temperature, TJ (°C)
Junction Temperature, TJ (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com