Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2571
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2571 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL2571 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
System State Machine
The device provides control of ALS and power management functionality through an internal state machine
(Figure 5). After a power-on-reset, the device is in the sleep mode. As soon as the PON bit is set, the device
will move to the start state. It will then continue through the Wait and ALS states. If these states are enabled,
the device will execute each function. If the PON bit is set to 0, the state machine will continue until all
conversions are completed and then go into a low power sleep mode.
Sleep
Start
Wait
ALS
PON = 1 (r 0:b0)
PON = 0 (r 0:b0)
Figure 5. Simplified State Diagram
NOTE: In this document, the nomenclature uses the bit field name in italic followed by the register number and
bit number to allow the user to easily identify the register and bit that controls the function. For example, the
power on (PON) is in register 0, bit 0. This is represented as PON (r0:b0).
Photodiodes
Conventional silicon detectors respond strongly to infrared light, which the human eye does not see. This can
lead to significant error when the infrared content of the ambient light is high (such as with incandescent lighting)
due to the difference between the silicon detector response and the brightness perceived by the human eye.
This problem is overcome through the use of two photodiodes. The channel 0 photodiode, referred to as the
CH0 channel, is sensitive to both visible and infrared light, while the channel 1 photodiode, referred to as CH1,
is sensitive primarily to infrared light. Two integrating ADCs convert the photodiode currents to digital outputs.
The ADC digital outputs from the two channels are used in a formula to obtain a value that approximates the
human eye response in units of lux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com