Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPFCD86 Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CMPFCD86
Description  PFC Diode (8A/600V)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMPFCD86 Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CMPFCD86_11 Datasheet HTML 1Page - Champion Microelectronic Corp. CMPFCD86_11 Datasheet HTML 2Page - Champion Microelectronic Corp. CMPFCD86_11 Datasheet HTML 3Page - Champion Microelectronic Corp. CMPFCD86_11 Datasheet HTML 4Page - Champion Microelectronic Corp. CMPFCD86_11 Datasheet HTML 5Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMPFCD86
PFC Diode (8A/600V)
2011/09/13 Rev1.6
Champion Microelectronic Corporation
Page 1
FEATURES
Fast switching for high efficiency
Low noise
Trr = 20ns
Low reverse leakage current
High voltage super FRD
PFC application
MECHANICAL DATA
Case : Molded plastic TO-220AC / TO-220FP
Epoxy : UL94V-0 rate flame retardant
Terminals : Solder able per MIL-STD-202 method 208
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave , 60Hz , resistive or inductive load.
For capacitive load , derate current by 20%
CMPFCD86
Symbol
Characteristics
Rating
Unit
VRRM
Recurrent Peak Reverse Voltage
600
V
VRMS
RMS Voltage
420
V
VDC
DC Blocking Voltage
600
V
IF(AV)
Average Forward Rectified Current @Tc=140℃
8.0
A
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave
Super imposed on rated load (JEDEC Method)
100
A
IFSM
Peak Forward Surge Current 1.0ms single
Square-wave superimposed on rated load (JEDEC Method)
150
A
VF
Instantaneous Forward Voltage @8A
2.9
V
10
IR
DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage
@TJ=150℃
500
uA
Trr
Maximum Reverse Recovery Time
(note1)
20
nS
CJ
Typical Junction Capacitance
(note2)
50
pF
RθJC
Typical Thermal Resistance
(note3)
2.2
℃
/ W
I
2
t
I
2
t Value For Fusing
Tp=10ms
91
A
2
s
TJ
Operating Temperature Range
-65~175
℃
TSTG
Storage Temperature Range
-65~175
℃
Notes :
1. Reverse recovery test conditions IF=0.5A , IR=1.0A , Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts DC.
3. Thermal Resistance junction to case.


Similar Part No. - CMPFCD86_11

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMPFCD86 CHAMP-CMPFCD86 Datasheet
140Kb / 5P
PFC Diode (8A/600V)
More results

Similar Description - CMPFCD86_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
8A, 600V Stealth??Dual Diode
ISL9R860P2 FAIRCHILD-ISL9R860P2 Datasheet
129Kb / 6P
8A, 600V Stealth??Diode
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
8A, 600V Stealth Diode
logo
Samsung semiconductor
ISL9860PF2 SAMSUNG-ISL9860PF2 Datasheet
142Kb / 6P
8A, 600V Stealth Diode
logo
Fairchild Semiconductor
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
8A, 600V Stealth??Diode
logo
Champion Microelectroni...
CMPFCD86 CHAMP-CMPFCD86 Datasheet
140Kb / 5P
PFC Diode (8A/600V)
logo
Shenzhen Winsemi Microe...
WDP8S60P WINSEMI-WDP8S60P Datasheet
378Kb / 4P
8A, 600V Ultrafast Single Diode
WDP8S60 WINSEMI-WDP8S60 Datasheet
374Kb / 4P
8A, 600V Ultrafast Single Diode
WDF8S60P WINSEMI-WDF8S60P Datasheet
411Kb / 4P
8A, 600V Ultrafast Single Diode
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
8A, 600V Stealth??Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com