Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6901XIP Datasheet(PDF) 13 Page - Champion Microelectronic Corp.

Part # CM6901XIP
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIP Datasheet(HTML) 13 Page - Champion Microelectronic Corp.

Back Button CM6901XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 13Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 14Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 15Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2012/05/09 Rev2.0
Champion Microelectronic Corporation
Page 13
R66
5.6
Lp(1.7mH)
+
C53
680uF/25V
R64
47KΩ
DRVH
380VDC
C51
0.1uF
+
C47
D19
BAV99
DRVL
C56
1uF/50V
D20
BAV99
2TS
Q14
FCP11N60
C52
NC
12VSYNDRVH
R98
10KΩ
DRVHGND
C55
105pF
-12V
C42
NC
C50
0.1uF
+12V
27TS
+12VIS
+
C48
+
C46
2200uF/25V
R67
470
D17
1N4148
12VSYNDRVL
R63
10Ω
R61
47KΩ
2TS
Q13
IR F2804PBF
T4
PQ3230
1
2
8
9
10
11
7
12
L2
160uh/PQ512
6
9
10
5
R65
47KΩ
IPLIMIT
C49
0.1uF
DC-DC
-12V
H40
D16
1N4148
IPLIMIT
JP11
NC
C54
0.1uF
2TS
OUT
R60
10Ω
R91
0
L3
130nH/20A
HS6
HS
C43
82nF/800V
Q15
IR F2804PBF
Q12
FCP11N60
(2A/200V)
D18
EFM204
+
C45
R62
47KΩ
R deao2
3M
R89
22Ω
C65
1uF/25V
R73
316K 1%
12VS
R77
220KΩ
12VS
C79
1nF
VREF
D27
SCS140P
Q16
2N2222
T5
EE-19
8
2
3
7
5
6
R74
750
Vref/1
R84
220K
R80
33KΩ
C64
47pF
Q22
2N2222
IPLIMIT
12VS
12VS
SLS Controller
R88
1KΩ
U3 CM6901 Family
15
1
2
3
4
14
13
7
8
9
12
11
5
16
6
10
VCC
Rset
VFB
FEAO
D_IN-
PRIDRV
PRIDRVB
CSS
Ilim
RT/CT
SRDRV
SRDRVB
D_IN+
VREF
DEAO
GND
+12V
R72
12K
C63
1uF/16V
DRVL
Q20
2N2222
PGI
REMOTEOFF/FPOB
R101
8.2K
12VS
R40
5.1K
R deao1
1M
C58
1uF/50V
Q24
2N2222
Q23
2N2907
R78
3.3K
D22
SCS140P
D26
SCS140P
DRVHGND
DRVH
Q18
2N7002
R79
56KΩ
SD
R41
20K
R87
27KΩ
12VS
PGB
C66
1000pF
VREF
C62
NC
12VSYNDRVL
PC1A
817B
R75
36.5KΩ
12VSYNDRVH
Q21
2N2907
R85
6KΩ
C59
333
C67
0.1uF/25V
R102
100K
+12V
Q17
2N2907
C60
102pF
R42
1.8K
VREF
ZD5
1N4148
SD
12VS
C27
334
12VS
Q25
2N2907
R76
22Ω
PGB From CM6502T
& CM6502THH
+
C57
47uF/25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com