Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2304 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT2304
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2304 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT2304 Datasheet HTML 1Page - Unisonic Technologies UT2304 Datasheet HTML 2Page - Unisonic Technologies UT2304 Datasheet HTML 3Page - Unisonic Technologies UT2304 Datasheet HTML 4Page - Unisonic Technologies UT2304 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT2304
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-150.D
TYPICAL CHARACTERISTICS
TJ=25℃
TJ=150℃
10.00
1.00
0.10
0.01
0.1
0.5
0.9
1.3
Source-to-Drain Voltage, VSD (V)
Forward Characteristic of Reverse Diode
Junction Temperature, TJ (℃)
Gate Threshold Voltage vs. Junction
Temperature
2.05
1.85
1.65
1.45
1.25
0
-50
50
100
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com