Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2304G-AE2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT2304G-AE2-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2304G-AE2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT2304G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT2304G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT2304G-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT2304G-AE2-R Datasheet HTML 4Page - Unisonic Technologies UT2304G-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT2304
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-150.D
TYPICAL CHARACTERISTICS(Cont.)
VDS=25V
VDS=20V
VDS=15V
ID=2.5A
12
10
8
6
4
2
0
01
2
3
4
5
6
Total Gate Charge, QG (nC)
Gate Charge Characteristics
Typical Capacitance Characteristics
Drain-to-Source Voltage,VDS (V)
CISS
COSS
CRSS
f=1.0MHZ
1000
100
10
15
9
13
17
21
25
29
0.1
1
0.1
Drain-to-Source Voltage,VDS (V)
Maximum Safe Operating Area
100
1
0.01
100
0.0001
Pulse Width, t (s)
Effective Transient Thermal Impedance
1000
0.01
1
10
0.001
0.01
0.1
1
10
10
1ms
TA =25°C
Single Pulse
10ms
100ms
1s
DC
100
0.001
0.1
PDM
T
t
Duty factor = t/T
Peak TJ = PDM x RthJA + TA
RthJA = 270℃/W
D=0.5
0.2
0.1
0.05
0.01
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com