Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2305L-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2305L-AE2-R
Description  4.2A, 20V P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2305L-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2305L-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT2305L-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT2305L-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT2305L-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2305
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-133.F
4.2A, 20V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT2305 is P-channel enhancement mode power
MOSFET, designed in serried ranks. With fast switching speed, low
on-resistance, favorable stabilization.
Used in commercial and industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT2305L-AE2-R
UT2305G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT2305L-AE3-R
UT2305G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
23E
L: Lead Free
G: Halogen Free


Similar Part No. - UT2305L-AE2-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT2305L-AE3-R VBSEMI-UT2305L-AE3-R Datasheet
492Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT2305L-AE2-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
20V P-Channel Power MOSFET
logo
STMicroelectronics
STN5PF02V STMICROELECTRONICS-STN5PF02V Datasheet
195Kb / 12P
P-channel 20V - 0.065??- 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
04-Aug-2006
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
20V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
logo
E-CMOS Corporation
EC732336 E-CMOS-EC732336 Datasheet
175Kb / 4P
20V, 4.2A N-Channel MOSFET
EC733341L E-CMOS-EC733341L Datasheet
306Kb / 6P
-30V, -4.2A P-Channel MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
-20V P-Channel Power Mosfet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com