Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2306L-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT2306L-AE3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306L-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT2306L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2306L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2306L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2306L-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT2306L-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT2306
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-130.D
TYPICAL CHARACTERISTICS(Cont.)
VDS=15V
ID=3.5A
Gate Charge
10
8
6
4
2
0
0
2468
10
12
14
Gate Charge,QG (nC)
CISS
COSS
CRSS
Frequency=1MHZ
600
500
400
300
200
100
0
0
5
10
15
20
25
30
Capacitance
Drain-Source Voltage,VDS (V)
TA=25℃
DC
100ms
1s
10ms
1ms
300μs
50
10
1
0.1
0.01
0.01
0.1
1
10
100
Drain-Source Voltage,VDS (V)
Safe Operation Area
100
10
1
0.1
0.01
1E-3
1E-4
1E-3
0.01
0.1
1
2
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Duty=0.5
0.2
0.1
0.05
0.01
0.02
Single Pulse
Mounted on 1in 2 pad
RθJA: 150℃/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com