Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2804 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2804
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2804 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2804 Datasheet HTML 1Page - Unisonic Technologies UT2804 Datasheet HTML 2Page - Unisonic Technologies UT2804 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT2804
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-418.a
ABSOLUTE MAXIMUM RATINGS (TC = 25°C Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
10
Continuous Drain Current
TC=100°C
ID
8
A
Pulsed Drain Current (Note 2)
IDM
40
A
TC=25°C
32
Power Dissipation
TC=100°C
PD
22
W
Operating Junction Temperature
TJ
-55 ~ 150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Note:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by maximum junction temperature.
3. Duty cycle ≤ 1%
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
75
°C/W
Junction to Case
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
40
V
VDS=32V, VGS=0V
1
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V, TC=125°C
10
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±250 nA
On-State Drain Current (Note 1)
ID(ON)
VDS=10V, VGS=10V
40
A
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
1.5
2.5
V
VGS=-4.5V, ID=8A
30
42
Static Drain-Source On-State
Resistance (Note 1)
RDS(ON)
VGS=10V, ID=10A
21
28
mΩ
Forward Transconductance (Note 1)
gFS
VDS=10V, ID=10A
19
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
790
pF
Output Capacitance
COSS
175
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=10V, f=1MHz
65
pF
SWITCHING PARAMETERS (Note 2)
Total Gate Charge
QG
16
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=0.5V(BR)DSS, ID=10A
2.1
nC
Turn-ON Delay Time
tD(ON)
2.2
4.4
ns
Rise Time
tR
7.5
15
ns
Turn-OFF Delay Time
tD(OFF)
11.8 21.3
ns
Fall-Time
tF
VGS=10V, VDS=20V,
ID≅ 1A, RGS=6Ω, RL=1Ω
3.7
7.4
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IF=IS, VGS=0V
1
V
Reverse Recovery Time
tRR
15.5
ns
Reverse Recovery Charge
QRR
IF=5A, dIF/dt=100A/µs
7.9
nC
Continuous Current
IS
1.3
A
Pulsed Current (Note 3)
ISM
2.6
A
Note: 1. Pulse test: Pulse Width ≤ 300µsec, Duty Cycle ≤ 2%.
2. Independent of operating temperature.
3. Pulse width limited by maximum junction temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com