Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3055L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3055L-TN3-R
Description  12A, 25V N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3055L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3055L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT3055L-TN3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3055
Power MOSFET
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-158.Ba
12A, 25V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT3055 is N-Channel logic level enhancement
mode field effect transistor.
SYMBOL
1.Gate
3.Source
2.Drain
TO-252
1
1
TO-251
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT3055-TM3-T
UT3055L-TM3-T
TO-251
G
D
S
Tube
UT3055-TN3-R
UT3055L-TN3-R
TO-252
G
D
S
Tape Reel
UT3055-TN3-T
UT3055L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UT3055L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT3055-TM3-T VBSEMI-UT3055-TM3-T Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT3055L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
25V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
25V N-Channel MOSFET
logo
Unisonic Technologies
UT50N03 UTC-UT50N03 Datasheet
334Kb / 6P
45A, 25V N-CHANNEL POWER MOSFET
UT75N02 UTC-UT75N02 Datasheet
147Kb / 4P
75A, 25V N-CHANNEL POWER MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
25V N-Channel MOSFET
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
25V N-Channel NexFET Power MOSFET
CSD16415Q5 TI1-CSD16415Q5_15 Datasheet
948Kb / 16P
25V N-Channel NexFET Power MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
25V N -Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com