Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3403L-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3403L-AE3-R
Description  -2.6 Amps, 30 Volts P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3403L-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3403L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3403L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3403L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3403L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT3403
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-145.D
TYPICAL CHARACTERISTICS
Drain Current,-ID (A)
Drain to Source Voltage,-VDS (V)
VGS=-2.5V
VGS=-4.5V
VGS=-10V
250
200
150
100
50
0
1
23
45
6
On-Resistance vs. Drain Current and
Gate Voltage
CISS
COSS
CRSS
600
500
400
300
200
100
0
0
5
10
15
20
25
30
Capacitance Characteristics
Gate to Source Voltage,-VGS (V)
ID=-2A
125℃
25℃
300
250
200
150
100
50
0
0
246
8
10
On-Resistance vs. Gate-Source Voltage
125℃
25℃
0.0
1.2
1.0
0.8
0.6
0.4
0.2
Body-Diode Characteristics
1.0E+01
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
1.0E-06
Body Diode Forward Voltage,-VSD (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com