Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3413 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3413
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3413 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3413 Datasheet HTML 1Page - Unisonic Technologies UT3413 Datasheet HTML 2Page - Unisonic Technologies UT3413 Datasheet HTML 3Page - Unisonic Technologies UT3413 Datasheet HTML 4Page - Unisonic Technologies UT3413 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT3413
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-159.E
TYPICAL CHARACTERISTICS(Cont.)
10
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
In descending order
D=0.5,0.3,0.1,0.05,0.02,0.01,single pulse
D=TON/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90℃/W
PDM
TON
T
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com