Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3414 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3414
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3414 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3414 Datasheet HTML 1Page - Unisonic Technologies UT3414 Datasheet HTML 2Page - Unisonic Technologies UT3414 Datasheet HTML 3Page - Unisonic Technologies UT3414 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT3414
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-248.E
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current
ID
4.2
A
Pulsed Drain Current
IDM
15
A
Power Dissipation
PD
1.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
100
125
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
20
V
Drain-Source Leakage Current
IDSS
VDS=16V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±8V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
0.4
0.6
1
V
On State Drain Current
ID(ON)
VDS=5V, VGS=4.5V
15
A
VGS=4.5V, ID=4.2A
41
50
VGS=2.5V, ID=3.7A
52
63
Static Drain-Source On-Resistance
RDS(ON)
VGS=1.8V, ID=3.2A
67
87
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
436
pF
Output Capacitance
COSS
66
pF
Reverse Transfer Capacitance
CRSS
VDS=10V, VGS=0V, f=1.0MHz
44
pF
SWITCHING PARAMETERS
Turn ON Delay Time
tD(ON)
5.5
ns
Turn ON Rise Time
tR
6.3
ns
Turn OFF Delay Time
tD(OFF)
40
ns
Turn OFF Fall-Time
tF
VDS=10V, VGS=5V, RL=2.7Ω
RG=6Ω
12.7
ns
Total Gate Charge
QG
6.2
nC
Gate Source Charge
QGS
1.6
nC
Gate Drain Charge
QGD
VDS=10V, ID=4.2A, VGS=4.5V
0.5
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
VGS=0V, IS=1A
0.76
1
V
Maximum Body-Diode Continuous
Current
IS
2
A
Body Diode Reverse Recovery Time
tRR
IF=4A, dI/dt=100A/μs
12.3
ns
Body Diode Reverse Recovery
Charge
QRR
IF=4A, dI/dt=100A/μs
3.5
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com