Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4101 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4101
Description  P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4101 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4101 Datasheet HTML 1Page - Unisonic Technologies UT4101 Datasheet HTML 2Page - Unisonic Technologies UT4101 Datasheet HTML 3Page - Unisonic Technologies UT4101 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT4101
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-164.C
ABSOLUTE MAXIMUM RATINGS (TJ = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8.0
V
Continuous Drain Current (Note 3)
ID
-2.4
A
Pulsed Drain Current (Note 1, 2)
IDM
-7.5
A
Power Dissipation
PD
1.25
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
100
℃
/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =-250µA
-20
V
Drain-Source Leakage Current
IDSS
VDS =-16 V, VGS =0 V
-1.0
µA
Gate-Source Leakage Current
IGSS
VDS =0 V, VGS = ±8.0 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =-250 µA
-0.40 -0.72
-1.5
V
VGS =-4.5 V, ID =-1.6 A
70
85
VGS =-2.5 V, ID =-1.3 A
90
120
Drain-Source On-State Resistance (Note 2)
RDS(ON)
VGS =-1.8 V, ID =-0.9 A
112
210
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
675
Output Capacitance
COSS
100
Reverse Transfer Capacitance
CRSS
VDS =-10 V, VGS =0V,
f=1MHz
75
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
7.5
Turn-ON Rise Time
tR
12.6
Turn-OFF Delay Time
tD(OFF)
30.2
Turn-OFF Fall-Time
tF
VGS=-4.5V,VDS=-10V,RG
=6.0 Ω,
ID =-1.6A
21.0
ns
Gate Charge
QG
VDS=-10 V, VGS =-4.5 V, ID
=-1.6A
7.5
8.5
Gate Source Charge
QGS
1.2
Gate Drain Charge
QGD
VDS=-10 V, ID =-1.6A
2.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
VGS=0V, IS=-2.4 A
-0.82
-1.2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-2.4
A
Reverse Recovery Time
tRR
VGS=0V, dISD/dt=100A/μs,
IS =-1.6A
12.8
15
ns
Reverse Recovery Charge
QRR
1008
nC
Note: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com