Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4101G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4101G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4101G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4101G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT4101G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT4101G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT4101G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4101
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-164.C
P-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTC UT4101 is P-channel enhancement mode Power
MOSFET, designed with high density cell, with fast switching speed,
low on-resistance, excellent thermal and electrical capabilities and
operation with low gate voltages.
This device is suitable for use as a load switch or in PWM
applications.
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT4101L-AE2-R
UT4101G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT4101L-AE3-R
UT4101G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
41A
L: Lead Free
G: Halogen Free


Similar Part No. - UT4101G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4101G-AE3-R UTC-UT4101G-AE3-R Datasheet
275Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT4101G-AE3-R VBSEMI-UT4101G-AE3-R Datasheet
472Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - UT4101G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com