Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4392L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4392L-S08-R
Description  30V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4392L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4392L-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4392L-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4392L-S08-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT4392
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-312.A
ABSOLUTE MAXIMUM RATINGS (Ta =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
12.5
A
Pulsed Drain Current
IDM
50
A
Power Dissipation(Ta =25°C)
PD
3.0
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (PCB mounted)
θJA
50
°C/W
Junction to Case
θJC
25
°C/W
Notes: 1. Pulse width limited by the Maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
ELECTRICAL CHARACTERISTICS (Ta =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250 µA
30
V
Drain-Source Leakage Current
IDSS
VDS =24 V, VGS =0 V
1.0
µA
Gate-Source Leakage Current
IGSS
VGS = ±20 V, VDS=0 V
±100 nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS =VGS, IDS =250 µA
1
1.8
3
V
On State Drain Current (Note 1)
ID(ON)
VDS ≥ 5V, VGS = 10V
30
A
VGS =10 V, ID =12.5 A
9
11.5 mΩ
Static Drain-Source On-Resistance(Note 1)
RDS(ON)
VGS =4.5 V, ID =10 A
13
16.5 mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2134
pF
Output Capacitance
COSS
343
pF
Reverse Transfer Capacitance
CRSS
VDS =15 V, VGS =0 V,
f=1.0MHz, (Note 2)
134
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
26
nC
Gate Source Charge
QGS
6
nC
Gate Drain Charge
QGD
VDS =15V, VGS =10 V,
ID =12.5A, (Note 2)
5
nC
Turn-ON Delay Time
tD(ON)
17
ns
Turn-ON Rise Time
tR
3.5
ns
Turn-OFF Delay Time
tD(OFF)
40
ns
Turn-OFF Fall-Time
tF
VDD=15V,ID=1 A,VGEN=10 V
RG=6 Ω, RL=15 Ω, (Note 3)
6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS =2.7 A, VGS =0V
0.85 1.3
V
Maximum Body-Diode Continuous Current
IS
(Note 4,5)
2.7
A
Notes: 1. Pulse Test: PW ≤300μS, Duty Cycle ≤2%
2. For DESIGN AID ONLY, not subject to production testing.
3. Switching time is essentially independent of operating temperature.
4. Pulse width limited by the Maximum junction temperature.
5. Surface Mounted on FR4 Board, t ≤ 10 sec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com