Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4406-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4406-S08-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4406-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4406-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4406-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4406-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4406-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4406-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4406
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-233.B
N-CHANNEL ENHANCEMENT
MODE
DESCRIPTION
The UT4406 can provide excellent RDS(ON), low gate charge
and operation with gate voltages as low as 2.5V by using UTC’s
advanced trench technology which makes an excellent high side
switch for notebook CPU core DC-DC conversion.
FEATURES
* RDS(ON) < 14mΩ @VGS = 10 V
* RDS(ON) < 16.5mΩ @VGS = 4.5 V
* RDS(ON) < 26mΩ @VGS = 2.5 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
SOP-8
Lead-free:
UT4406L
Halogen-free: UT4406G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UT4406-S08-R
UT4406L-S08-R
UT4406G-S08-R
SOP-8
Tape Reel
UT4406-S08-T
UT4406L-S08-T
UT4406G-S08-T
SOP-8
Tube


Similar Part No. - UT4406-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4406G-S08-R UTC-UT4406G-S08-R Datasheet
219Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT4406 UTC-UT4406_15 Datasheet
219Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT4406-S08-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com