Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4413 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4413
Description  P-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4413 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4413 Datasheet HTML 1Page - Unisonic Technologies UT4413 Datasheet HTML 2Page - Unisonic Technologies UT4413 Datasheet HTML 3Page - Unisonic Technologies UT4413 Datasheet HTML 4Page - Unisonic Technologies UT4413 Datasheet HTML 5Page - Unisonic Technologies UT4413 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4413
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-198.A
P-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UT4413 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON) = 8.5mΩ @VGS = -10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
Gate
Source
Drain
*Pb-free plating product number: UT4413L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UT4413-S08-R
UT4413L-S08-R
SOP-8
Tape Reel
UT4413-S08-T
UT4413L-S08-T
SOP-8
Tube


Similar Part No. - UT4413

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT4413G-S08-R DOINGTER-UT4413G-S08-R Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UT4413 UTC-UT4413_15 Datasheet
233Kb / 5P
P-CHANNEL POWER MOSFET
More results

Similar Description - UT4413

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com