Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4413-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4413-S08-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4413-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4413-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4413-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4413-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4413-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4413-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4413-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT4413
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-198.A
TYPICAL CHARACTERISTICS
30
25
20
15
10
5
0
2
2.5
3
3.5
4
4.5
5
4
3
2
1
0
0
5
10
15
20
25
30
25℃
125℃
VDS=-5V
-4.5V
-5V
-10V
-4V
VGS=-3.5V
On-Region Characteristics
Transfer Characteristics
Gate to Source Voltage,-VGS (V)
Drain to Source Voltage,-VDS (V)
ID=-15A
125℃
25℃
125℃
25℃
Body-Diode Characteristics
Gate to Source Voltage,-VGS (V)
On-Resistance vs. Gate-Source Voltage
1.0E+01
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
1.0E-06
0.0
0.2
0.4
0.6
0.8
1.0
Body Diode Forward Voltage,-VSD (V)
30
25
20
15
10
5
0
4
8
12
16
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com