Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4435 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4435
Description  30V P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4435 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4435 Datasheet HTML 1Page - Unisonic Technologies UT4435 Datasheet HTML 2Page - Unisonic Technologies UT4435 Datasheet HTML 3Page - Unisonic Technologies UT4435 Datasheet HTML 4Page - Unisonic Technologies UT4435 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4435
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-254.B
30V P-CHANNEL POWER
MOSFET
DESCRIPTION
The UT4435 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON)≤20mΩ @VGS=-10V
* RDS(ON)≤ 35mΩ @VGS=-4.5V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
2.Gate
1.Source
3.Drain
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT4435L-S08-R
UT4435G-S08-R
SOP-8
Tape Reel


Similar Part No. - UT4435

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4435-H UTC-UT4435-H Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT4435-S08-R VBSEMI-UT4435-S08-R Datasheet
1,004Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4435G-S08-R UTC-UT4435G-S08-R Datasheet
244Kb / 4P
P-CHANNEL POWER MOSFET
UT4435G-S08-R UTC-UT4435G-S08-R Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT4435G-S08-R DOINGTER-UT4435G-S08-R Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT4435

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
75A, 30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
UTT36P03 UTC-UTT36P03 Datasheet
129Kb / 3P
-30V, -36A P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
30V P-Channel Power MOSFET
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
30V P-Channel Power MOSFET
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
30V P-Channel Power MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
30V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com