Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4446-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4446-S08-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4446-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4446-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4446-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4446-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4446-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4446-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4446
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-251.A
N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UT4446 uses UTC’s advanced trench technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a load switch or
in PWM applications.
FEATURES
* RDS(ON)< 8.5mΩ @VGS=10V
* RDS(ON)< 14.5mΩ @VGS=4.5V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
SOP-8
Lead-free:
UT4446L
Halogen-free: UT4446G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UT4446-S08-R
UT4446L-S08-R
UT4446G-S08-R
SOP-8
Tape Reel
UT4446-S08-T
UT4446L-S08-T
UT4446G-S08-T
SOP-8
Tube


Similar Part No. - UT4446-S08-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT4446G-S08-R VBSEMI-UT4446G-S08-R Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT4446G-S08-R DOINGTER-UT4446G-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
UT4446G-SO8-R DOINGTER-UT4446G-SO8-R Datasheet
920Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
UT4446L-S08-R VBSEMI-UT4446L-S08-R Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4446 UTC-UT4446_15 Datasheet
214Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - UT4446-S08-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com