Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4957-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4957-S08-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4957-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4957-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4957-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4957-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4957-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4957-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT4957
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-279.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
-7.7
A
Pulsed Drain Current (Note 2)
IDM
-30
A
Power Dissipation
Ta=25°C
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-30
V
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/ΔTJ Reference to 25°C, ID=-1mA
-0.02
V/°C
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, IDS=-250µA
-1
-3
V
VGS=-10V, ID=-7A
20
24
Static Drain-Source On-Resistance
(Note)
RDS(ON)
VGS=4.5V, ID=-5A
30
36
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
1670 2670
pF
Output Capacitance
COSS
530
pF
Reverse Transfer Capacitance
CRSS
VDS=-25V, VGS=0V, f=1.0MHz
435
pF
SWITCHING PARAMETERS
Turn-ON Delay Time (Note)
tD(ON)
14
ns
Turn-ON Rise Time
tR
11
ns
Turn-OFF Delay Time
tD(OFF)
38
ns
Turn-OFF Fall-Time
tF
VDS=-15V, ID=-1A, VGS=-10V
RG=3.3Ω, RD=15Ω
25
ns
Total Gate Charge (Note)
QG
27
45
nC
Gate Source Charge
QGS
5
nC
Gate Drain Charge
QGD
VDS=-24V, VGS=-4.5V, ID=-7A
18
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=-1.7A, VGS=0V
-1.2
V
Body Diode Reverse Recovery Time
tRR
35
ns
Body Diode Reverse Recovery
Charge
QRR
IS=-7A, VGS=0V, dI/dt=100A/μs
34
nC
Note: Pulse width <300us , duty cycle <2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com