Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6401 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT6401
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6401 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT6401 Datasheet HTML 1Page - Unisonic Technologies UT6401 Datasheet HTML 2Page - Unisonic Technologies UT6401 Datasheet HTML 3Page - Unisonic Technologies UT6401 Datasheet HTML 4Page - Unisonic Technologies UT6401 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT6401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-151.B
ABSOLUTE MAXIMUM RATINGS (TA = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 3)
ID
-5
Pulsed Drain Current (Note 2)
IDM
-30
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 3)
θJA
74
110
/W
ELECTRICAL CHARACTERISTICS (TJ=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNITS
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±12V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-0.7
-1
-1.3
V
On State Drain Current
ID(ON)
VDS=-5V, VGS=-4.5V
-25
A
VGS=-10V, ID=-5A
42
49
mΩ
VGS=-4.5V, ID=-4A
53
64
mΩ
Static Drain-Source On-Resistance (Note 2)
RDS(ON)
VGS=-2.5V, ID=-1A
81
119
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
943
pF
Output Capacitance
COSS
108
pF
Reverse Transfer Capacitance
CRSS
VGS=0V,VDS=-15V,f=1.0MHz
73
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note 2)
tD(ON)
6
ns
Turn-ON Rise Time
tR
3
ns
Turn-OFF Delay Time
tD(OFF)
40
ns
Turn-OFF Fall Time
tF
VDS=-15V, VGS=-10V,
RG=6Ω, RL=3Ω
11
ns
Total Gate Charge (Note 2)
QG
9.5
nC
Gate-Source Charge
QGS
2.1
nC
Gate-Drain Charge
QGD
VDS=-15V, VGS=-4.5V,
ID=-5A
2.9
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=-1A, VGS=0V
-0.75
-1
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-3
A
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤0.5%.
3. Surface mounted on 1 in
2 copper pad of FR4 board.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com