Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC4013G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTC4013G-S14-R
Description  DAUL D-TYPE FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC4013G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC4013G-S14-R Datasheet HTML 1Page - Unisonic Technologies UTC4013G-S14-R Datasheet HTML 2Page - Unisonic Technologies UTC4013G-S14-R Datasheet HTML 3Page - Unisonic Technologies UTC4013G-S14-R Datasheet HTML 4Page - Unisonic Technologies UTC4013G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC4013
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-543.c
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
VSS-0.5 to VSS+20
V
Input Voltage
VIN
VSS-0.5 to VDD+0.5
V
Output Voltage
VOUT
VSS-0.5 to VDD+0.5
V
DC Input Current
IIN
±10
mA
Power Dissipation
PD
500
mW
Operation Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (VSS=0,TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
3 ~ 18
V
Input Voltage
VIN
0 ~ VDD
V
D.C. CHARACTERISTICS (VSS=0, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT=0.5V, 4.5V;VDD=5V,∣IOUT∣<1μA
3.5
2.75
VOUT=1.0V, 9.0V; VDD=10V, ∣IOUT∣<1μA
7.0
5.5
High
VIH
VOUT=1.5V, 13.5V; VDD=15V, ∣IOUT∣<1μA
11.0
8.25
VOUT=0.5V, 4.5V; VDD=5V,∣IOUT∣<1μA
2.25
1.5
VOUT=1.0V, 9.0V; VDD=10V, ∣IOUT∣<1μA
4.50
3.0
Input Voltage
Low
VIL
VOUT=1.5V, 13.5V; VDD=15V, ∣IOUT∣<1μA
6.75
4.0
V
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=5V
4.95
5.00
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=10V
9.95
10.00
High
VOH
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=15V
14.95
15.00
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=5V
0.00
0.05
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=10V
0.00
0.05
Output Voltage
Low
VOL
VIN=VSS, VDD; ∣IOUT∣<1μA; VDD=15V
0.00
0.05
V
High
IIH
VIH=18V, VDD=18V
10
-5
0.1
Input Current
Low
IIL
VIL=0V, VDD=18V
-10
-5
-0.1
uA
VOH=4.6, VIN=VSS, VDD; VDD=5V
-0.51
-1.0
VOH=2.5, VIN=VSS, VDD; VDD=5V
-2.10
-4.0
VOH=9.5, VIN=VSS, VDD; VDD=10V
-1.30
-2.2
High
IOH
VOH=13.5, VIN=VSS, VDD; VDD=15V
-3.40
-9.0
VOL=0.4, VIN=VSS, VDD; VDD=5V
0.51
1.2
VOL=0.5, VIN=VSS, VDD; VDD=10V
1.30
3.2
Output Current
Low
IOL
VOL=1.5, VIN=VSS, VDD; VDD=15V
3.40
12.0
mA
VIN=VSS, VDD(Note); VDD=5V
0.002
1
VIN=VSS, VDD(Note); VDD=10V
0.004
2
Quiescent Supply Current
IDD
VIN=VSS, VDD(Note); VDD=15V
0.008
4
uA
Note: All valid input combinations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com