Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA123YL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA123YL-AE3-R
Description  DIGITAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123YL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA123YL-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA123YL-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTA123Y
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R206-070.Ba
DIGITAL TRANSISTORS
(BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow positive input.
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
DTA123YL-AE3-R
DTA123YG-AE3-R
SOT-23
G
I
O
Tape Reel
Note: Pin Assignment: G: GND I: IN O: OUT
MARKING


Similar Part No. - DTA123YL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123Y ROHM-DTA123Y Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTA123Y UTC-DTA123Y Datasheet
105Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTA123Y ROHM-DTA123Y Datasheet
1Mb / 11P
PNP -100mA -50V Digital Transistor
DTA123Y ROHM-DTA123Y Datasheet
1Mb / 13P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20170609 - Rev.001
logo
Cystech Electonics Corp...
DTA123YC3 CYSTEKEC-DTA123YC3 Datasheet
284Kb / 6P
PNP Digital Transistors
More results

Similar Description - DTA123YL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com