Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA123YG-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA123YG-AE3-R
Description  DIGITAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123YG-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA123YG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA123YG-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTA123Y
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R206-070.Ba
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-12 ~ +10
V
Output Current
IOUT
-100
mA
IC(MAX)
-100
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN(OFF)
VCC =-5V, IOUT =-100μA
-0.3
V
VIN(ON)
VOUT =-0.3V, IOUT =-20mA
-3
Output Voltage
VOUT(ON)
IOUT/IIN =-10mA/-0.5mA
-0.3
V
Input Current
IIN
VIN=-5V
-3.8
mA
Output Current
IOUT(OFF)
VCC =-50V, VIN =0V
-0.5
μA
DC Current Gain
GIN
VOUT =-5V, IOUT =-10mA
33
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance Ratio
R2/R1
3.6
4.5
5.5
Transition Frequency
fT
VCE =-10V, IE =−5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com