Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD405 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTD405
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD405 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTD405 Datasheet HTML 1Page - Unisonic Technologies UTD405 Datasheet HTML 2Page - Unisonic Technologies UTD405 Datasheet HTML 3Page - Unisonic Technologies UTD405 Datasheet HTML 4Page - Unisonic Technologies UTD405 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTD405
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-199.A
P-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTD405 can provide excellent RDS(ON), low gate
charge and low gate resistance by using advanced trench
technology. This device is well suited for high current load
applications with the excellent thermal resistance.
FEATURES
* RDS(ON) = 32mΩ @VGS = -10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: UTD405L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UTD405-TN3-R
UTD405L-TN3-R
TO-252
G
D
S
Tape Reel
UTD405-TN3-T
UTD405L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UTD405

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UTD408-TN3-R UTC-UTD408-TN3-R Datasheet
201Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UTD408-TN3-T UTC-UTD408-TN3-T Datasheet
201Kb / 5P
N-CHANNEL ENHANCEMENT MODE
logo
SHENZHEN DOINGTER SEMIC...
UTD408L-K08-3030-R DOINGTER-UTD408L-K08-3030-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UTD408L-TN3-R UTC-UTD408L-TN3-R Datasheet
201Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UTD405

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com