Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD405-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD405-TN3-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD405-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD405-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD405-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD405-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD405-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD405-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTD405
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-199.A
TYPICAL CHARACTERISTICS
ID=-18A
125℃
25℃
25℃
125℃
1.0
0.8
0.6
0.4
0.2
0.0
-VSD (Volts)
1.0E-0.6
1.0E-0.5
1.0E-0.4
1.0E-0.3
1.0E-0.2
1.0E-0.1
1.0E+0.0
1.0E+0.1
Body-Diode Characteristics
-VGS (Volts)
10
9
8
7
6
5
4
3
0
10
20
30
40
50
60
70
80
90
100
On-Resistance vs.Gate-to-Source Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com