Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD413 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTD413
Description  P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD413 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTD413 Datasheet HTML 1Page - Unisonic Technologies UTD413 Datasheet HTML 2Page - Unisonic Technologies UTD413 Datasheet HTML 3Page - Unisonic Technologies UTD413 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTD413
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-246.C
P-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTD413 can provide excellent RDS(ON) and low gate charge
by using UTC’s advanced trench technology. The UTD413 is well
suited for high current load applications with the excellent thermal
resistance of the TO-252 package. Standard Product UTD413 is
Pb-free.
FEATURES
* RDS(ON) < 45mΩ @VGS = -10V
* RDS(ON) < 69mΩ @VGS = -4.5V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTD413L-TN3-R
UTD413G-TN3-R
TO-252
G
D
S
Tape Reel
UTD413L-TN3-T
UTD413G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UTD413

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD413G-AA3-R UTC-UTD413G-AA3-R Datasheet
209Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
UTD413G-TN3-R UTC-UTD413G-TN3-R Datasheet
209Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
UTD413G-TND-R UTC-UTD413G-TND-R Datasheet
209Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
UTD413L-TN3-R UTC-UTD413L-TN3-R Datasheet
209Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
UTD413L-TND-R UTC-UTD413L-TND-R Datasheet
209Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
More results

Similar Description - UTD413

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com