Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM670 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSM670
Description  Mini TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM670 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSM670 Datasheet HTML 1Page - Siemens Semiconductor Group LSM670 Datasheet HTML 2Page - Siemens Semiconductor Group LSM670 Datasheet HTML 3Page - Siemens Semiconductor Group LSM670 Datasheet HTML 4Page - Siemens Semiconductor Group LSM670 Datasheet HTML 5Page - Siemens Semiconductor Group LSM670 Datasheet HTML 6Page - Siemens Semiconductor Group LSM670 Datasheet HTML 7Page - Siemens Semiconductor Group LSM670 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
1998-11-12
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M670-HK
LS M670-J
LS M670-K
LS M670-JM
super-red
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3380
Q62703-Q3381
Q62703-Q3382
Q62703-Q3383
LO M670-HK
LO M670-J
LO M670-K
LO M670-JM
orange
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3384
Q62703-Q3385
Q62703-Q3386
Q62703-Q3387
LY M670-HK
LY M670-J
LY M670-K
LY M670-JM
yellow
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3388
Q62703-Q3389
Q62703-Q3390
Q62703-Q3391
LG M670-HK
LG M670-J
LG M670-K
LG M670-JM
green
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3392
Q62703-Q3393
Q62703-Q3394
Q62703-Q3395
LP M670-FJ
LP M670-G
LP M670-H
LP M670-GK
pure green
colorless clear
1.0 … 8.0
1.6 … 3.2
2.5 … 5.0
1.6 … 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q3396
Q62703-Q3397
Q62703-Q3398
Q62703-Q3399
LS M670, LO M670, LY M670
LG M670, LP M670



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com