Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD3055G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTD3055G-TN3-R
Description  POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD3055G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTD3055G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD3055G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD3055G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD3055G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTD3055
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-460.a
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage (RGS=1.0MΩ)
VDGR
60
V
Continuous
VGS
±20
V
Gate-Source Voltage
Non-Repetitive (tP≤10µs)
VGSM
±25
V
Continuous @ 25°C
ID
12
A
Continuous @ 100°C
ID
7.3
A
Drain Current
Single Pulse (tP≤10µs)
IDM
37
A
Single Pulse Drain–to–Source Avalanche
Energy – Starting TJ = 25°C
(VDD = 25 V, VGS = 10 V, IL = 12 A, L = 1.0 mH, RG = 25 Ω )
EAS
72
mJ
Total Power Dissipation @ 25°C
48
W
Total Power Dissipation @ TA = 25°C, when mounted to
minimum recommended pad size
PD
1.75
W
Operating Junction Temperature
TJ
-55~175
°C
Storage Temperature
TSTG
-55~175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
W/°C
Junction to Case
θJC
3.13
W/°C
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
ID=250µA, VGS=0V
60
V
Drain-Source Breakdown Voltage
BVDSS
Temperature Coefficient (Positive)
65
mV/°C
VDS=60V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V, TJ=150°C
100
µA
Gate- Source Leakage Current
IGSS
VGS=±20V, VDS=0
100
nA
ON CHARACTERISTICS
(Note)
VDS=VGS, ID=250µA
2.0
2.7
4.0
V
Gate Threshold Voltage
VGS(TH)
Temperature Coefficient (Negative)
5.4
mV/°C
Static Drain-Source On-State
Resistance
RDS(ON)
VGS=10V, ID=6.0A
0.10 0.15
Ω
ID=12A
1.3
2.2
Drain-Source On-Votlage (VGS=10V)
VDS(on)
ID=6.0A, TJ=150°C
1.9
V
Forward Transconductance
gFS
VDS=7.0V, ID=6.0A
4.0
5.0
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
410 500
pF
Output Capacitance
COSS
130 180
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
25
50
pF
Note: Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com