Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAK376-RU Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LAK376-RU
Description  Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LAK376-RU Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LAK376-RU Datasheet HTML 1Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 2Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 3Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 4Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 5Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 6Page - Siemens Semiconductor Group LAK376-RU Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Relative spektrale Emission
Φ
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
Φ
rel = f (ϕ)
Radiation characteristic
LS K376, LA K376, LO K376, LY K376



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com