Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTB123YL-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTB123YL-AL3-R
Description  DIGITAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB123YL-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTB123YL-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTB123YL-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTB123YL-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTB123Y
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R220-019,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-12 ~ +5
V
Output Current
IC
-500
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (Ta=25°C, unless others specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(OFF) VCC =-5V, IOUT =-100μA
-0.3
Input Voltage
VIN(ON) VOUT =-0.3V, IOUT =-20mA
-2
V
Output Voltage
VOUT(ON) IOUT/IIN =-50mA/-2.5mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-3.0
mA
Output Current
IOUT(OFF) VCC =-50V, VIN =0V
-0.5
μA
DC Current Gain
hFE
VOUT =-5V, IOUT =-50mA
56
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistor Ratio
R2/R1
3.6
4.5
5.5
Transition Frequency (Note)
fT
VCE =-10V, IE =50mA, f=100MHz
200
MHz
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com