Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114EL-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC114EL-AL3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC114EL-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC114EL-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTC114EL-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTC114EL-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTC114E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-047,H
TYPICAL CHARACTERISTICS
100
50
20
10
5
2
1
0.5
0.2
0.1
0.5
2
5
10
20
50
100
1
TA= - 40°C
25°C
100°C
VOUT=0.3V
0.1
Input Voltage vs. Output Current
(ON Characteristics)
1k
500
200
100
50
10
5
2
1
20
VOUT=5V
Output Current, IOUT(mA)
DC Current Gain vs. Output Current
Output Current, IOUT(mA)
10m
5m
2m
500μ
200μ
0.5
1.0
1.5
2.0
2.5
3.0
100μ
1m
VCC=5V
0
Output Current vs. Input Voltage
(OFF characteristics)
Input Voltage, VI(OFF) (V)
1000
500
200
100
50
20
10
5
2
1
lOUT/lIN=20
Output Voltage vs. Output Current
Output Current, IOUT(mA)
2
5
10
20
50
100
1
0.2
0.5
2
5
10
20
50
100
1
0.1
0.2
50μ
10μ
20μ
TA= 100°C
25°C
-40°C
0.2
0.5
0.1
TA= 100°C
25°C
-40°C
TA= 100°C
25°C
-40°C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com