Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC123Y-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTC123Y-AN3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC123Y-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTC123Y-AN3-R Datasheet HTML 1Page - Unisonic Technologies DTC123Y-AN3-R Datasheet HTML 2Page - Unisonic Technologies DTC123Y-AN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTC123Y
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-069,D
NPN DIGITAL TRANSISTOR
(BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow negative input.
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
DTC123Y-AE3-R
DTC123YL-AE3-R
DTC123YG-AE3-R
SOT-23
G
I
O
Tape Reel
DTC123Y-AL3-R
DTC123YL-AL3-R
DTC123YG-AL3-R
SOT-323
G
I
O
Tape Reel
DTC123Y-AN3-R
DTC123YL-AN3-R
DTC123YG-AN3-R
SOT-523
G
I
O
Tape Reel
MARKING


Similar Part No. - DTC123Y-AN3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123Y ROHM-DTC123Y Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTC123Y ROHM-DTC123Y Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistor
logo
Cystech Electonics Corp...
DTC123YC3 CYSTEKEC-DTC123YC3 Datasheet
336Kb / 6P
NPN Digital Transistors (Built-in Resistors)
logo
Jiangsu Changjiang Elec...
DTC123YCA JIANGSU-DTC123YCA Datasheet
129Kb / 2P
Digital transistors (built-in resistors)
More results

Similar Description - DTC123Y-AN3-R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
DIGITAL TRANSISTOR(NPN)
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTC114TE MCC-DTC114TE_11 Datasheet
211Kb / 3P
NPN Digital Transistor
DTC114TUA MCC-DTC114TUA_11 Datasheet
220Kb / 3P
NPN Digital Transistor
DTC144TCA MCC-DTC144TCA_11 Datasheet
207Kb / 3P
NPN Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
DIGITAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com