Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOK382-R Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # LOK382-R
Description  Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOK382-R Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  LOK382-R Datasheet HTML 1Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 2Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 3Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 4Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 5Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 6Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 7Page - Siemens Semiconductor Group LOK382-R Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
LS K382, LO K382, LY K382
LG K382, LP K382
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung: Kürzerer Lötspieß
Cathode mark:
Short solder lead



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com