Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTL1426L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTL1426L-S08-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTL1426L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTL1426L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTL1426L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTL1426L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTL1426L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTL1426L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTL1426
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-264.A
TYPICAL CHARACTERISTICS
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (V)
Switching Time Waveforms
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
0.2
0
0
0.2
0.8
0.4
0.6
0.6
0.8
0.4
1.0
1.2
1.0
Drain-Source On-State
Resistance Characteristics
Drain to Source Voltage, VDS (mV)
12
0
4
8
10
2
6
0
150
100
50
200
VGS=10V,
ID=10A
VGS=4.5V,
ID=10A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com